| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 78 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 78 Page - ams-OSRAM AG |
|
78 / 87 page ![]() CMV2000 Application information Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 78 / 87 / 9 Application information 9.1 Color filter An RGB Bayer pattern is used on the CMV2000 image sensor. The order of the RGB filter can be found in the drawing below. With Y-flipping off (reg40 = 0), pixel (0,0) at the top left is read out first and has a red filter. When Y-flipping is on, pixel (0,1087) is read out first and has a green filter. For X-flipping the address of the first pixel depends on the output channels used. Figure 58: RGB bayer pattern order Pixel (0,0) R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B R G R G G B G B Pixel (2047,0) Pixel (0,1087) Pixel (2047,1087) |