| Moteur de recherche de fiches techniques de composants électroniques |
|
CMV2000 Fiches technique(PDF) 70 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
CMV2000 Fiches technique(HTML) 70 Page - ams-OSRAM AG |
|
70 / 87 page ![]() CMV2000 Register description Datasheet • PUBLIC • Document Feedback DS000734 • v8-00 • 2025-Jul-07 70 / 87 / 8 Register description The Table 33 gives an overview of all the sensor registers. The registers with the remark “Do not change” should not be changed unless advised in chapter 7.4. 8.1 Register overview Table 33: Register overview Address Default Value Remark bit[7] bit[6] bit[5] bit[4] bit[3] bit[2] bit[1] bit[0] 0 0 Do not change 1 64 Number_lines [7:0] 2 4 Number lines [15:8] 3 0 Start1[7:0] 4 0 Start1[15:8] 5 0 Start2[7:0] 6 0 Start2[15:8] 7 0 Start3[7:0] 8 0 Start3[15:8] 9 0 Start4[7:0] 10 0 Start4[15:8] 11 0 Start5[7:0] 12 0 Start5[15:8] 13 0 Start6[7:0] 14 0 Start6[15:8] 15 0 Start7[7:0] 16 0 Start7[15:8] 17 0 Start8[7:0] 18 0 Start8[15:8] 19 0 Number_lines1[7:0] 20 0 Number_lines1[15:8] 21 0 Number_lines2[7:0] 22 0 Number_lines2[15:8] 23 0 Number_lines3[7:0] 24 0 Number_lines3[15:8] 25 0 Number_lines4[7:0] 26 0 Number_lines4[15:8] |