| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1181 Fiches technique(PDF) 89 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1181 Fiches technique(HTML) 89 Page - ams-OSRAM AG |
|
89 / 92 page ![]() AS1181 Package drawings & markings Datasheet • PUBLIC • Document Feedback DS001139 • v3-00 • 2026-Apr-01 89 / 92 / 10 Package drawings & markings Figure 38: AS1181 WLCSP28 package outline drawing (1) All dimensions are in micrometers [µm]. Angles in degrees. (2) Dimensioning and tolerancing conform to ASME Y14.5M-1994. (3) N is the total number of terminals. (4) This package contains no lead (Pb). (5) This drawing is subject to change without notice. |