| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1181 Fiches technique(PDF) 46 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1181 Fiches technique(HTML) 46 Page - ams-OSRAM AG |
|
46 / 92 page ![]() AS1181 Register description Datasheet • PUBLIC • Document Feedback DS001139 • v3-00 • 2026-Apr-01 46 / 92 / 8 Register description 8.1 Detailed register description Registers with addresses 0x1A00 to 0x1A4E are pre-configured via OTP and receive their reset values during start-up. All registers from address 0x1A58 and above have their reset value as defined in the register map column “default”. All registers with R/W access, including registers with OTP default values, can be re- programmed after power up in config mode. Register with read-only access (RO) cannot be changed. 8.2 OTP default values Table 12: OTP default values Register name / bit name Register address OTP default value (HEX) Value Unit Comment TD_ILLUM 0x1A00 FA 250 µs CURR0 0x1A02 6464 25 mA CURR1 0x1A04 6464 25 mA CURR2 0x1A06 6464 25 mA CURR3 0x1A08 6464 25 mA CURR4 0x1A0A 6464 25 mA CURR5 0x1A0C 6464 25 mA CURR6 0x1A0E 6464 25 mA CURR7 0x1A10 6464 25 mA CURR_LIM0 0x1A12 FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM1 0x1A14 FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM2 0x1A16 FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM3 0x1A18 FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM4 0x1A1A FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM5 0x1A1C FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM6 0x1A1E FF05 64/1.25 mA Upper Limit / Lower Limit CURR_LIM7 0x1A20 FF05 64/1.25 mA Upper Limit / Lower Limit CH_GROUP 0x1A22 0 0 1 group with 8 channels |