Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1181 Fiches technique(PDF) 81 Page - ams-OSRAM AG

No de pièce AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Fiches technique(HTML) 81 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 77Page - ams-OSRAM AG AS1181 Datasheet HTML 78Page - ams-OSRAM AG AS1181 Datasheet HTML 79Page - ams-OSRAM AG AS1181 Datasheet HTML 80Page - ams-OSRAM AG AS1181 Datasheet HTML 81Page - ams-OSRAM AG AS1181 Datasheet HTML 82Page - ams-OSRAM AG AS1181 Datasheet HTML 83Page - ams-OSRAM AG AS1181 Datasheet HTML 84Page - ams-OSRAM AG AS1181 Datasheet HTML 85Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
81 / 92
/
8.3.49
IRQ_HISTORY0 register (Address 0x1AAA)
Table 61: IRQ_HISTORY0 register (Access Read Only)
Addr: 0x1AAA
IRQ_HISTORY0
Bit
Bit field
Default
Access
Bit description
15:0
irq_history[15:0]
0x0
RO
Copy of the interrupt status register0 before
Interrupt status0 is cleared
0
fault
1
reserved
2
vled_adj_request
3
asic_test_done
4
boot_complete
5
task_done
6
periodic_test_done
7
illum_start
8
illum_end
9
over_or_under_temp
10
idrive_overvoltage
11
idrive_undervoltage
12
trigger_rate_error
13
otp_ecc_error
14
idrive_ramp_error
15
illum_duration_error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92