| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1181 Fiches technique(PDF) 26 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1181 Fiches technique(HTML) 26 Page - ams-OSRAM AG |
|
26 / 92 page ![]() AS1181 Functional description Datasheet • PUBLIC • Document Feedback DS001139 • v3-00 • 2026-Apr-01 26 / 92 / Figure 26: Illumination time register update Table 5: External PWM mode constraints Symbol Parameter Min Typ Max Unit Note THIGH Strobe high time 20 15000 µs TLOW Strobe low time 65+Tstagger* µs *Tstagger - time needed to perform all the staggering for all groups, if staggering is disabled equals to zero. P PWM period 0.2 16.6 ms PWM1 and PWM2 shall have the same period in dual PWM input mode. F PWM frequency 60 5000 Hz DC Duty cycle 10 90 % Tskew PWM1&2 input skew 10 µs Maximum skew between PWM1 and PWM2 input in all modes. Figure 27: External PWM constraints |