Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1181 Fiches technique(PDF) 41 Page - ams-OSRAM AG

No de pièce AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Fiches technique(HTML) 41 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG AS1181 Datasheet HTML 42Page - ams-OSRAM AG AS1181 Datasheet HTML 43Page - ams-OSRAM AG AS1181 Datasheet HTML 44Page - ams-OSRAM AG AS1181 Datasheet HTML 45Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
41 / 92
/
7.3.2
Interrupt status & history
Reading the 3 “IRQ_STATUS” registers will automatically clear the corresponding interrupt
status bits.
Before clearing is done, the contents of “IRQ_STATUS” are copied into register
IRQ_HISTORY0 register (Address 0x1AAA), IRQ_HISTORY1 register (Address 0x1AAC) and
IRQ_HISTORY2 register (Address 0x1AAE) to backup the interrupt status.
The interrupt output signal IRQ_N will be de-asserted only after the 3 status registers have
been read.
The I3C CCC command 'ClearFaults' clears all status bits in IRQ_STATUS0 to IRQ_STATUS3
with one exception IRQ_STATUS[0] (bit 0, “fault”) will only be cleared with I3C CCC command
'Reset'.
Note: Only interrupt status bits of type 'pulse' (see Table 6, Table 7, Table 8) will be cleared
immediately. Interrupt status bits of interrupts with type 'level' will be cleared after interrupt
source has vanished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92