Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1181 Fiches technique(PDF) 66 Page - ams-OSRAM AG

No de pièce AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Fiches technique(HTML) 66 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 62Page - ams-OSRAM AG AS1181 Datasheet HTML 63Page - ams-OSRAM AG AS1181 Datasheet HTML 64Page - ams-OSRAM AG AS1181 Datasheet HTML 65Page - ams-OSRAM AG AS1181 Datasheet HTML 66Page - ams-OSRAM AG AS1181 Datasheet HTML 67Page - ams-OSRAM AG AS1181 Datasheet HTML 68Page - ams-OSRAM AG AS1181 Datasheet HTML 69Page - ams-OSRAM AG AS1181 Datasheet HTML 70Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
66 / 92
/
8.3.23
CH_SLEW74 register (Address 0x1A2E)
Table 35: CH_SLEW74 register (Write Access when system state == idle)
Addr: 0x1A2E
CH_SLEW74
Bit
Bit field
Default
Access
Bit description
15:0
Slew74
OTP
RW
Slew rate control for channel 4 to channel 7:
Number of slew steps time and slew time, controlled by 4 bits per
channel glob_slew_enable needs to be 1 to turn on channel slew
bit[3:0]..CH4, bit[7:4]..CH5, bit[11:8]..CH6, bit[15:12]..CH7
0
Slew time = 0µs, 1 step
1
Slew time = 0.3µs, 4 steps (100ns step time)
2
Slew time = 0.7µs, 8 steps (100ns step time)
3
Slew time = 0.6µs, 4 steps (200ns step time)
4
Slew time = 1.5µs, 16 steps (100ns step time)
5
Slew time = 1.4µs, 8 steps (200ns step time)
6
Slew time = 1.2µs, 4 steps (400ns step time)
7
Slew time = 3.0µs, 16 steps (200ns step time)
8
Slew time = 2.8µs, 8 steps (400ns step time)
9
Slew time = 2.4µs, 4 steps (800ns step time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92