Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1181 Fiches technique(PDF) 28 Page - ams-OSRAM AG

No de pièce AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Fiches technique(HTML) 28 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 24Page - ams-OSRAM AG AS1181 Datasheet HTML 25Page - ams-OSRAM AG AS1181 Datasheet HTML 26Page - ams-OSRAM AG AS1181 Datasheet HTML 27Page - ams-OSRAM AG AS1181 Datasheet HTML 28Page - ams-OSRAM AG AS1181 Datasheet HTML 29Page - ams-OSRAM AG AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
28 / 92
/
7.1.6.1
Trigger adjustment for the PWM mode with 2 strobe inputs
In default case the illumination sequence is triggered by the first rising edge of either input. The
triggering moment can be adjusted by setting the pwm_trig field in the PWM_CTR register
(Address 0x1A32) to non-zero value.
•
0x0 – Default, STROBE_PWM1 or ID2_PWM2: Illumination is triggered by the first rising
edge of either signal.
•
0x1 – STROBE_PWM1 and ID2_PWM: Illumination is triggered in the moment both
signals become high.
•
0x2 – STROBE_PWM1 only: Illumination for both groups is triggered by the rising edge of
STROBE_PWM1 input.
•
0x3 – AUX only: Illumination for both groups is triggered by the ID2_PWM2 signal rising
edge.
The skew between the rising edges of both inputs in all cases shall be less than 10µs.
If the other signal edge doesn't come within the skew window, the illumination sequence for
this channels group won't start on this cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92