Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1181 Fiches technique(PDF) 82 Page - ams-OSRAM AG

No de pièce AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Fiches technique(HTML) 82 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 78Page - ams-OSRAM AG AS1181 Datasheet HTML 79Page - ams-OSRAM AG AS1181 Datasheet HTML 80Page - ams-OSRAM AG AS1181 Datasheet HTML 81Page - ams-OSRAM AG AS1181 Datasheet HTML 82Page - ams-OSRAM AG AS1181 Datasheet HTML 83Page - ams-OSRAM AG AS1181 Datasheet HTML 84Page - ams-OSRAM AG AS1181 Datasheet HTML 85Page - ams-OSRAM AG AS1181 Datasheet HTML 86Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
82 / 92
/
8.3.50
IRQ_HISTORY1 register (Address 0x1AAC)
Table 62: IRQ_HISTORY1 register (Access Read Only)
Addr: 0x1AAC
IRQ_HISTORY1
Bit
Bit field
Default
Access
Bit description
15:0
irq_history[31:16]
0x0
RO
Copy of the interrupt status register1 before
Interrupt status1 is cleared
0
osc_error
1
watchdog_timeout
2
rload_test_error
3
hs_overcurrent
4
curr_lim_hi_overrun
5
curr_lim_lo_underrun
6
supply_overvoltage
7
supply_undervoltage
8
lp_short_open_error
9
ln_short_open_error
10
idrive_feedback_error
11
otp_test_error
12
ram_bist_error
13
rom_bist_error
8.3.51
IRQ_HISTORY2 register (Address 0x1AAE)
Table 63: IRQ_HISTORY2 register (Access Read Only)
Addr: 0x1AAE
IRQ_HISTORY2
Bit
Bit field
Default
Access
Bit description
6:0
irq_history[38:32]
0x0
RO
Copy of the interrupt status register2 before Interrupt status2
is cleared
0
vled_monitor_error
1
vp18_monitor_error
2
temp_detect_error
3
adc_bist_error
4
ls_overcurrent
5
driver_gate_short
6
ldo_overcurrent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92