| Moteur de recherche de fiches techniques de composants électroniques |
|
AS1181 Fiches technique(PDF) 71 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS1181 Fiches technique(HTML) 71 Page - ams-OSRAM AG |
|
71 / 92 page ![]() AS1181 Register description Datasheet • PUBLIC • Document Feedback DS001139 • v3-00 • 2026-Apr-01 71 / 92 / 8.3.29 IRQ_ENABLE1 register (Address 0x1A3A) Table 41: IRQ_ENABLE1 register (Write Access when config_mode ==1) Addr: 0x1A3A IRQ_ENABLE1 Bit Bit field Default Access Bit description 15:0 irq_enable[31:16] OTP RW Bit n: Interrupt is enabled when bit is set, otherwise disabled interrupt sources: 0 osc_error Oscillator period check error - This safety related interrupt is automatically enabled during its BIST 1 watchdog_timeout Watchdog timeout 2 rload_test_error Rload test fail 3 hs_overcurrent HS switch overcurrent BIST error 4 curr_lim_hi_overrun Overcurrent error on any channel 5 curr_lim_lo_underrun Undercurrent error on any channel 6 supply_overvoltage Overvoltage error on VP18 or VLED 7 supply_undervoltage Undervoltage error on VP18 or VLED 8 lp_short_open_error LP short or open error 9 ln_short_open_error LN short or open error 10 idrive_feedback_error Idrive vs. analog current comparison 11 otp_test_error OTP read check error 12 ram_bist_error RAM BIST error - Enabled by default 13 rom_bist_error ROM BIST error - Enabled by default 14 Not used 15 Not used |