| Moteur de recherche de fiches techniques de composants électroniques |
|
OPS2 Fiches technique(PDF) 176 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OPS2 Fiches technique(HTML) 176 Page - ABB |
|
176 / 192 page ![]() OZXB8 OZXB9 — Terminal clamp sets for Al- and Cu-cables, insulated versions Suitable for switches Cable cross section Type Order code Units/ type Weight/ unit mm² pcs kg OTM40…125 16...50 Al, 2.5...50 Cu OZXT1 **) 1SCA022469R6310 3 0.05 OTM63…125 2x(16...50) Al/Cu OZXT3 1SCA022639R0720 3 0.21 Including 0.75...2.5 mm² voltage sensing connection. Voltage sensing wires are not included OTM40...125 16...50 Al/2.5...50 Cu OZXT6 1SCA122537R1001 3 0.06 **) In=63 A — Terminal clamp sets for Al- and Cu-cables All terminal clamp deliveries include a 6 piece bolt set: OZXE51 (M8x25), OZXE54 (M10x30) and OZXE3 (M12x40) Suitable for switches Cable cross section Suitable shroud type Terminal clamp type Order code Units/ type Weight/ unit mm² pcs kg OTM40…125 10...70 OZXL1 1SCA022439R6770 3 0.14 10...70 OZXL1/1 1SCA022469R6220 1 0.05 OZXB type Al/Cu connectors made of stainless steel OTM160EV...250 10...70 OTS250_L OZXB1L 1SCA022169R2030 3 0.15 10...70 OTS250_L OZXB1L/1 1SCA022194R0030 1 0.05 25...120 OZXB2K OZXB2 1SCA022119R7610 3 0.34 25...120 OZXB2K OZXB2/1 1SCA022194R0200 1 0.12 25...120 OZXB2K OZXB2L 1SCA022158R7750 3 0.43 25...120 OZXB2K OZXB2L/1 1SCA022194R0460 1 0.15 95...185 OTS250_L OZXB8 1SCA022744R1510 3 0.50 95...185 OTS250_L OZXB8/1 1SCA022744R1600 1 0.15 95...240 OTS250_L OZXB9 1SCA022750R3210 3 0.50 95...240 OTS250_L OZXB9/1 1SCA022750R3300 1 0.14 OTM315...400 25...120 OZXB2K OZXB2L 1SCA022158R7750 3 0.43 25...120 OZXB2K OZXB2L/1 1SCA022194R0460 1 0.15 95…185 OZXB3K OZXB3 1SCA022136R8100 3 1.28 95…185 OZXB3K OZXB3/1 1SCA022194R0620 1 0.13 2x(95…185) OZXB3K OZXB4 1SCA022137R4760 3 1.71 2x(95…185) OZXB3K OZXB4/1 1SCA022194R0890 1 0.60 120...240 OZXB5K OZXB7 1SCA022185R0040 3 1.00 120...240 OZXB5K OZXB7/1 1SCA022194R1430 1 0.34 120...240 OZXB5K OZXB7L 1SCA022185R7130 3 1.20 120...240 OZXB5K OZXB7L/1 1SCA022194R1600 1 0.39 95...185 OTS400_L OZXB8 1SCA022744R1510 3 0.50 95...185 OTS400_L OZXB8/1 1SCA022744R1600 1 0.15 95...240 OTS400_L OZXB9 1SCA022750R3210 3 0.50 95...240 OTS400_L OZXB9/1 1SCA022750R3300 1 0.14 OTM630…800 120…300 OZXB4K OZXB5 1SCA022137R2470 3 2.22 120…300 OZXB4K OZXB5/1 1SCA022194R1010 1 0.80 2x(120…300) OZXB4K OZXB6 1SCA022137R4920 3 3.03 2x(120…300) OZXB4K OZXB6/1 1SCA022194R1270 1 1.00 — Accessories for motorized switch-disconnectors Ordering information terminal clamps OZXB1L OZXB2 OZXB2L OZXB3 OZXB4 OZXB7 OZXT1 OZXT6 176 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 176 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |