Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 166 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 166 Page - ABB

Back Button OPS2 Datasheet HTML 162Page - ABB OPS2 Datasheet HTML 163Page - ABB OPS2 Datasheet HTML 164Page - ABB OPS2 Datasheet HTML 165Page - ABB OPS2 Datasheet HTML 166Page - ABB OPS2 Datasheet HTML 167Page - ABB OPS2 Datasheet HTML 168Page - ABB OPS2 Datasheet HTML 169Page - ABB OPS2 Datasheet HTML 170Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 192 page
background image
Motorized switch-disconnectors
Dimensional drawings
Motorized switch-disconnectors, base mounting, IEC
M8
200
150
149,5
145
Ø13,5
39
A1
250
210
198
49,5
A
B
A2
214,5
27,5
17
M00281/OTM630-800E2_4 B
OTM630-800_M
[mm]
E2
E3
E4
A
65
65
65
A1
180
180
180
A2
329
394
459
B
350
415
480
110,5
287
270
138,6
5
78
45
145
17
42,5
312
160
260
A1
206
M10
A2
186
171
253
B
200
13,5
80
50
306
250
272
63
A
M00282/OTM1000-1250E_M B
OTM1000-1250_M
[mm]
E2
E3
E4
A
80
80
80
A1
230
230
230
A2
396,5
476,5
556,5
B
426,5
506,5
586,5
167
127
82
15
50
100
400
19
153
75
15
OTM1000...1250E_M
OTM630...800E_M
Main dimensions mm, inches
OTM630-800E_M
[mm]
E2
E3
E4
A
65
65
65
A1
180
180
180
A2
329
394
459
B
350
415
480
M00281/OTM630-800E2_4 B
OTM1000-1250_M
[mm]
E2
E3
E4
A
80
80
80
A1
230
230
230
A2
396,5
476,5
556,5
B
426,5
506,5
586,5
M00282/OTM1000-1250E_M B
166
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
166
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More