Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OPS2 Fiches technique(PDF) 160 Page - ABB

No de pièce OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABB [ABB]
Site Internet  http://www.abb.com
Logo ABB - ABB

OPS2 Fiches technique(HTML) 160 Page - ABB

Back Button OPS2 Datasheet HTML 156Page - ABB OPS2 Datasheet HTML 157Page - ABB OPS2 Datasheet HTML 158Page - ABB OPS2 Datasheet HTML 159Page - ABB OPS2 Datasheet HTML 160Page - ABB OPS2 Datasheet HTML 161Page - ABB OPS2 Datasheet HTML 162Page - ABB OPS2 Datasheet HTML 163Page - ABB OPS2 Datasheet HTML 164Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 192 page
background image
—
Motorized switch-disconnectors, IEC
Including a handle for manual operation and terminal clamps.
Type codes for motor voltage Ue =110...240 V AC/DC.
Rated current
Number of poles Type
Order code
Weight/
unit
AC-22A
≤ 690 V
AC-23A
415/690 V
A
A
kg
40
40/40
3
OTM40F3M230V
1SCA122972R1001
1.13
63
63/40
3
OTM63F3M230V
1SCA122971R1001
1.13
80
80/40
3
OTM80F3M230V
1SCA122970R1001
1.13
100
80/40
3
OTM100F3M230V 1SCA122969R1001
1.13
125
90/50
3
OTM125F3M230V 1SCA122968R1001
1.13
40
40/40
4
OTM40F4M230V
1SCA122977R1001
1.24
63
63/40
4
OTM63F4M230V
1SCA122976R1001
1.24
80
80/40
4
OTM80F4M230V
1SCA122975R1001
1.24
100
80/40
4
OTM100F4M230V 1SCA122974R1001
1.24
125
90/50
4
OTM125F4M230V 1SCA122973R1001
1.24
—
Handle included as standard
Suitable for switch disconnectors
Handle+shaft kit
OTM40…125
OHB65D6CM
—
Motorized switch-disconnectors, IEC
Ordering information
OTM40...125F3M_
OTM40...125F4M_
160
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
160
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More