| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 118 page ![]() VS6724 Functional description 37/118 Figure 22. VSYNC timing example If manual mode is selected then the line number for VSYNC rising edge and falling edge is programmable. The rising edge of VSYNC is programmed in the bVsyncRisingLine registers, the pixel position for VSYNC rising edge is programmed in the bVsyncRisingPixel registers. Similarly the line count for the falling edge position is specified in the bVsyncFallingLine registers, and the pixel count is specified in the bVsyncFallingPixel registers. 2.10.5 Pixel clock (PCLK) The PCLK signal is controlled by the Dither control register. The following options are available: ● enable/disable ● select polarity ● select starting phase ● qualify/don’t qualify embedded synchronization codes ● enable/disable during horizontal blanking BLANKING BLANKING V=1 V=0 V=1 V=0 vsync ACTIVE VIDEO ACTIVE VIDEO |