Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6724 Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 82Page - STMicroelectronics VS6724 Datasheet HTML 83Page - STMicroelectronics VS6724 Datasheet HTML 84Page - STMicroelectronics VS6724 Datasheet HTML 85Page - STMicroelectronics VS6724 Datasheet HTML 86Page - STMicroelectronics VS6724 Datasheet HTML 87Page - STMicroelectronics VS6724 Datasheet HTML 88Page - STMicroelectronics VS6724 Datasheet HTML 89Page - STMicroelectronics VS6724 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 118 page
background image
Programming model and register description
VS6724
86/118
Interpolation control
Color matrix dampers
Table 39.
Interpolation control
Index
InterpolationControl(1)
0x1d80
bAntiAliasFilterSuppress
Default value
0x08
Purpose
Anti alias filter suppress
Type
BYTE
1.
Can be controlled in all stable state
Table 40.
color matrix dampers
Index
colorMatrixDamper(1)
0x1e00
fDisable
Default value
<0> FALSE
Purpose
set to disable color matrix damper and therefore ensure that all the color
matrix coefficients remain constant under all conditions.
Type
Flag_e
Possible values
<0> FALSE
<1> TRUE
0x1e03(MSByte)
0x1e04(LSByte)
fpLowThreshold
Default value
0x67d1 (2000896)
Purpose
Low Threshold for exposure for calculating the damper slope
Type
FLOAT
0x1e07(MSByte)
0x1e08(LSByte)
fpHighThreshold
Default value
0x6862 (2498560)
Purpose
High Threshold for exposure for calculating the damper slope
Type
FLOAT
0x1e0b (MSByte)
0x1e0c(LSByte)
fpMinimumOutput
Default value
0x3acd (0.350098)
Purpose
Minimum possible damper output for the color matrix
Type
FLOAT
1.
Can be controlled in all stable state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More