| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 69 Page - STMicroelectronics |
|
69 / 118 page ![]() VS6724 Programming model and register description 69/118 Static frame rate control Static frame rate status (read only) Table 23. Static frame rate control Index StaticFrameRateControl(1) 0x0c81(MSByte) 0x0c82(LSByte) uwDesiredFrameRate_Num Default value 0x1e Purpose Numerator for the Frame Rate Type UINT16 0x0c84 bDesiredFrameRate_Den Default value 0x01 Purpose Denominator for the Frame Rate Type BYTE 1. Can be controlled in all stable states Table 24. Static frame rate status Index StaticFrameRatestatus(1) 0x0d01(MSByte) 0x0d02(LSByte) fprequestedFramerate_Hz Purpose Shows the existing framerate of the system Type FLOAT 1. Can be controlled in all stable states |