| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 89 Page - STMicroelectronics |
|
89 / 118 page ![]() VS6724 Programming model and register description 89/118 0x1f14 bUserPeakHiThresh Default value 0x30 Purpose adjust maximum gain that can be applied. range: 0 - 63 Type BYTE 0x1f107(MSByte) 0x1f108(LSByte) fpDamperLowThreshold_Coring Default value 0x624a (300032) Purpose Low Threshold for exposure for calculating the damper slope - for coring Type FLOAT 0x1f1b (MSByte) 0x1f1c(LSByte) fpDamperHighThreshold_Coring Default value 0x656f (900096) Purpose High Threshold for exposure for calculating the damper slope - for coring Type FLOAT 0x1f1f (MSByte) 0x1f20(LSByte) fpMinimumDamperOutput_Coring Default value 0x3a00 (0.2500) Purpose Minimum possible damper output for the Coring. Type FLOAT 1. Can be controlled in all stable states Table 42. Peaking control (continued) Index Peaking control(1) |