| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 73 Page - STMicroelectronics |
|
73 / 118 page ![]() VS6724 Programming model and register description 73/118 0x1092 iMiscSettings Default value 0x00 Purpose Set Bit [6] to use fpManualFloatExposureTime value Type INT8 Possible Value 0x00 - COMPILED_MANUAL_MODE uses bManualExposureTime_Num and bManualExposureTime_Den 0x40 - COMPILED_MANUAL_MODE uses fpManualFloatExposureTime 0x1095 (MSByte) 0x1096(LSByte) uwDirectModeCoarseIntegrationLines Default value 0x00 Purpose Coarse Integration Lines to be set for Direct Mode Type UINT16 0x1099(MSByte) 0x109a(LSByte) uwDirectModeFineIntegrationPixels Default value 0x00 Purpose Fine Integration Pixels to be set for Direct Mode Type UINT16 0x109d (MSByte) 0x109e(LSByte) fpDirectModeAnalogGain Default value 0x00 Purpose Analog Gain to be set for Direct Mode Type FLOAT 0x10a1 (MSByte) 0x10a2(LSByte) fpDirectModeDigitalGain Default value 0x00 Purpose Digital Gain to be set for Direct Mode Type FLOAT 0x10a5 (MSByte) 0x10a6(LSByte) uwFlashGunModeCoarseIntLines Default value 0x00 Purpose Coarse Integration Lines to be set for Flash Gun Mode Type UINT16 0x10a9 (MSByte) 0x10aa(LSByte) uwFlashGunModeFineIntPixels Default value 0x00 Purpose Fine Integration Pixels to be set for Flash Gun Mode Type UINT16 Table 26. Exposure controls (continued) Index ExposureControls(1) |