| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 94 Page - STMicroelectronics |
|
94 / 118 page ![]() Programming model and register description VS6724 94/118 Output control Table 47. Output control Index OutputControl(1) 0x2380 bYCbCrSetup Default value 0x00 Type CODED Purpose Changes the output order of YCbCr flag bits [[0] Cb_Cr_Order 0-> Cr before Cb 1-> Cb before Cr [1] Y_ C order 0-> Cb or Cr first 1-> Y first 0x2382 bRgbSetup Default value 0x00 Type CODED Purpose Setup the RGB padding and order flag bits [0]rgb444_format 0-> zero padding 1->not zero padding [3:1] RGB output order 0-> GBR 1-> RBG 2-> BRG 3-> GRB 4-> RGB 5-> BGR 0x238c bBlank_Value_1 Default value 0x10 Type CODED Purpose First Blanking value used during interline & interframe blanking Possible values <16> BlankingMSB_Default 0x238e bBlank_Value_2 Default value 0x80 Type CODED Purpose First Blanking value used during interline & interframe blanking Possible values <128> BlankingLSB_Default |