| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 78 Page - STMicroelectronics |
|
78 / 118 page ![]() Programming model and register description VS6724 78/118 White balance constrainer controls 0x1393(MSByte) 0x1394(LSByte) fpFlashBlueGain Default value 0x3e8a (1.269531) Purpose When FLASHGUN_PRESET is selected in bWhiteBalanceMode the fpFlashBlueGain is used. Type FLOAT 1. Can be controlled in all stable states Table 29. White balance control (continued) Index WBControlParameters(1) Table 30. White balance constrainer controls Index WhiteBalanceConstrainerControls(1) 0x1501(MSByte) 0x1502(LSByte) fpRedA Default value 0.281738 Purpose Sets location of Ref. A point on constrainer control Type FLOAT 0x1505(MSByte) 0x1506(LSByte) fpBlueA Default value 0.4223636 Purpose Sets location of Ref. A point on constrainer control Type FLOAT 0x1509(MSByte) 0x150a(LSByte) fpRedB Default value 0.4223636 Purpose Sets location of Ref. B point on constrainer control Type FLOAT 0x150d(MSByte) 0x150e(LSByte) fpBlueB Default value 0.281738 Purpose Sets location of Ref. B point on constrainer control Type FLOAT 0x1511(MSByte) 0x1512(LSByte) fpMaximumDistanceAllowedFromLocus Default value 0.281738 Purpose Sets distance from locus within which the white balance is constrained. Type FLOAT |