Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VS6724 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce VS6724
Description  2 Megapixel single-chip camera module
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6724 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button VS6724 Datasheet HTML 27Page - STMicroelectronics VS6724 Datasheet HTML 28Page - STMicroelectronics VS6724 Datasheet HTML 29Page - STMicroelectronics VS6724 Datasheet HTML 30Page - STMicroelectronics VS6724 Datasheet HTML 31Page - STMicroelectronics VS6724 Datasheet HTML 32Page - STMicroelectronics VS6724 Datasheet HTML 33Page - STMicroelectronics VS6724 Datasheet HTML 34Page - STMicroelectronics VS6724 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 118 page
background image
VS6724
Functional description
31/118
Figure 16.
RGB and Bayer data formats
Manipulation of RGB data
It is possible to modify the encapsulation of the RGB data in a number of ways:
●
swap the location of the RED and BLUE data
●
reverse the bit order of the individual color channel data
●
reverse the order of the data bytes themselves
Dithering
An optional dithering function can be enabled for each RGB output mode to reduce the
appearance of contours produced by RGB data truncation. This is enabled through the
DitherControl register.
(2) RGB 444 packed as RGB565
0
1
2
3
4
5
6
7
Bit
R3
R4
R2 R1
G5
R0
G4 G3
second byte
0
1
2
3
4
5
6
7
Bit
G1
G2
G0 B4
B2
B3
B1 B0
(1) RGB565 data packing
first byte
0
1
2
3
4
5
6
7
Bit
R2
R3
R1 R0
G3
1
G2 G1
second byte
0
1
2
3
4
5
6
7
Bit
1
G0
0
B3
B1
B2
B0
1
first byte
(3) RGB 444 zero padded
0
1
2
3
4
5
6
7
Bit
0
0
0
0
R2
R3
R1 R0
second byte
0
1
2
3
4
5
6
7
Bit
G2
G3
G1 G0
B2
B3
B1 B0
first byte
(4) Bayer 10-bit
0
1
2
3
4
5
6
7
Bit
0
1
1
0
0
1
b9 b8
second byte
0
1
2
3
4
5
6
7
Bit
b6
b7
b5 b4
b2
b3
b1
b0
first byte