| Moteur de recherche de fiches techniques de composants électroniques |
|
VS6724 Fiches technique(PDF) 87 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VS6724 Fiches technique(HTML) 87 Page - STMicroelectronics |
|
87 / 118 page ![]() VS6724 Programming model and register description 87/118 sRGB color matrix Table 41. sRGB color matrix Index sRGBColorMatrix(1) (2) 0x1e81 (MSByte) 0x1e82(LSByte) fpGinR Default value Purpose Green in Red element Type FLOAT 0x1e85 (MSByte) 0x1e86 (LSByte) fpBinR Default value Purpose Blue in Red element Type FLOAT 0x1e89 (MSByte) 0x1e8a (LSByte) fpRinG Default value Purpose Red in Green element Type FLOAT 0x1e8d (MSByte) 0x1e8e (LSByte) fpBinG Default value Purpose Blue in Green element Type FLOAT 0x1e91 (MSByte) 0x1e92 (LSByte) fpRinB Default value 0x00 Purpose Red in Blue element Type FLOAT 0x1e95 (MSByte) 0x1e96(LSByte) fpGinB Default value 0x00 Purpose Green in Blue element Type FLOAT 1. The diagonal elements of the matrix are calculated such at the sun for each row equal unity 2. Can be controlled in all stable states |