Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 4 Page - NXP Semiconductors

  TDA9170 Datasheet HTML 1Page - NXP Semiconductors TDA9170 Datasheet HTML 2Page - NXP Semiconductors TDA9170 Datasheet HTML 3Page - NXP Semiconductors TDA9170 Datasheet HTML 4Page - NXP Semiconductors TDA9170 Datasheet HTML 5Page - NXP Semiconductors TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
October 1994
5
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
FUNCTIONAL DESCRIPTION
Y input selection and amplification
The dynamic range of the luminance input amplifier can be
switched between 0.3 and 1 V (excluding sync) either
externally (pin AMPSEL) or by I2C-bus (AMPSEL bit).
Amplitudes that exceed the corresponding specified range
(e.g. the sync) will be clipped internally. The input is
clamped during the logic HIGH period of the clamp which
is defined by the sandcastle reference and should be
DC-decoupled with an external capacitor.
Black offset detection and correction
The black detector measures and stores the blackest part
of the picture within a defined window in each field. Any
difference between this value and the value measured
during the black clamp period is regarded as black offset.
In a closed loop configuration, the black offset is held until
a predefined value of the full scale (FS) value is fed back
to the input stage where it is partly compensated for.
Depending on the loop gain, 30% to 50% of the offset
value is counteracted. The loop gain is also a function of
the adaptive and variable gamma settings. The black
offset correction mechanism can be switched on and off by
the I2C-bus via the BON bit (see Table 6), or externally with
the black offset on/off switch (BOF pin 11).
Two external time constants are required to ensure correct
performance of the black detector; a loop filter time
constant (TAUBL) for the loop dynamics and a time
constant for memorizing the darkest parts of the picture
(TAUBP) in just one field. During the field retrace the time
constant TAUBP is first sampled and then preset to a value
that corresponds to the maximum black offset.
The corrected black offset is related to the nominal signal
amplitude which is reset to 100% FS via an amplitude
stretch function. Luminance values beyond FS are not
affected. Additionally, this offset is also used to set the
adaptive gain (see Section “Adaptive gamma”).
Histogram measurement
The histogram distribution is measured in real time over
five segments (HM1 to HM5) within a defined window
period of each field. During the window period, the video is
in one segment, a corresponding external capacitor CHMx
is loaded via a current source. At the end of the field five
segment voltages are stored from the external capacitors
into on-board memories. The external capacitors are
discharged and the measurements are restarted.
Any part of the picture that does not contribute to the
information within the total picture should be omitted from
the histogram measurement. The miscount detector
disables measurements until it detects changing parts.
Additionally, luminance values close to FS (or white) do
not contribute sufficiently in order to maintain the absolute
light output. This procedure is allowed because the eye is
less sensitive to details in white.
As the miscount detector shortens the effective
measurement period and, because of spreads of internal
and external components, the current source is controlled
within in a closed loop so as to maintain a constant
average value of the sum of the segment voltages. The
dominant time constant of the closed loop is external and
can be tuned with an appropriate capacitor connected to
TAUHM (pin 22).
Processing of the measured histogram values
FIELD AVERAGING OF HISTOGRAM VALUES
With very rapid picture changes, also related to the field
interlace, flicker might result. The histogram values are
averaged at the field rate to reduce these flicker effects.
The time constant of the averaging process is adapted to
the speed of the histogram changes.
ADAPTIVE GAMMA
The output voltage of the first segment is fed to a variable
gain amplifier with a gain between 1 and 3. In this way
luminance values in the ‘black’ segment have a larger
weight. In our perception black parts are expanded, as
occurs with gamma control. However, the effective
contribution to the non-linear gain is only relevant for
moderate segment voltages and hence the term adaptive
gamma.
The adaptive gamma gain is a max-function of a fixed gain
part and a dynamic gain part. The fixed gain part can be
set externally with the adaptive gamma gain control
(ADGAM) or via the I2C-bus.
The dynamic part of the adaptive gamma gain is controlled
by the measured black offset value from the black
detector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com