Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors TDA9170 Datasheet HTML 10Page - NXP Semiconductors TDA9170 Datasheet HTML 11Page - NXP Semiconductors TDA9170 Datasheet HTML 12Page - NXP Semiconductors TDA9170 Datasheet HTML 13Page - NXP Semiconductors TDA9170 Datasheet HTML 14Page - NXP Semiconductors TDA9170 Datasheet HTML 15Page - NXP Semiconductors TDA9170 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
October 1994
13
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
VARIABLE GAMMA SETTING VARGAM (PIN 2); note 3
VVAR(l)
control voltage lower limit
1.75
V
VVAR(h)
control voltage upper limit
3.25
V
VVAR(lt)
control voltage for linear transfer
2.5
V
IibVAR
input bias current
0.1
µA
Colour difference processing
COLOUR DIFFERENCE INPUTS UIN AND VIN (PINS 5 AND 7)
Vi(UIN)
input voltage
1.8
V
Vi(VIN)
input voltage
1.8
V
Iib
input bias current (pins 5 and 7)
0.1
µA
Vi(cl)
input voltage level during
clamping
1.5
V
COLOUR DIFFERENCE OUTPUTS (PINS 28 AND 26)
∆V
o28
output voltage range with
respect to the input (pin 28)
150
%
∆V
o26
output voltage range with
respect to the input (pin 26)
150
%
Vo(cl)
output voltage level during
clamping
2.3
V
Eoff
offset error
transparent
1
%
EG
gain error
transparent
5
%
B
bandwidth
transparent
20
30
MHz
Timing
HORIZONTAL WINDOW GENERATION
fh
line frequency
15
16
kHz
Default window setting (with respect to start BK/CLP pulse)
tdh(ws)
default start window
6.5
64fh
tdhd(wp)
default window stop
54.5
64fh
User window generation with I2C-bus (with respect to start BK/CLP pulse)
thws(min)
minimum start window
4.5
64fh
thws(max)
maximum start window
19.5
64fh
thwp(min)
minimum window stop
26.5
64fh
thwp(max)
maximum window stop
56.5
64fh
VERTICAL WINDOW GENERATION
fv
vertical frequency
45
65
Hz
Default window setting (start event with respect to start detected field blanking, stop event with respect to start event)
tdvws
default window start
64
lines
tdvdwp
default window stop
161
lines
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com