Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 10 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 10 Page - NXP Semiconductors

Back Button TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors TDA9170 Datasheet HTML 10Page - NXP Semiconductors TDA9170 Datasheet HTML 11Page - NXP Semiconductors TDA9170 Datasheet HTML 12Page - NXP Semiconductors TDA9170 Datasheet HTML 13Page - NXP Semiconductors TDA9170 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
October 1994
11
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
PICTURE AMPLITUDE STRETCH
EG(s)
gain error after stretch
maximum offset
1
%
BLACK OFFSET CORRECTION ON/OFF SWITCH BOF (PIN 11); note 2
Vi(blos)
input voltage level
correction off
1.5
V
correction on
3.5
V
Iib(blos)
input bias current
0.1
µA
TIME CONSTANT CONTROL TAUBP (PIN 4); see Fig.3
IBP(d)
discharge current
3.5
mA
IibBP
input bias current
0.1
µA
VBP(l)
control voltage lower limit
1.0
V
VBP(h)
control voltage upper limit
2.5
V
TIME CONSTANT CONTROL TAUBL (PIN 5); see Fig.4
IibBL
input bias current
0.1
µA
VBL(l)
control voltage lower limit
2.0
V
VBL(h)
control voltage upper limit
3.5
V
Histogram measurement
HISTOGRAM UPDATES AT HMX (PINS 16 TO 20)
QHMb
segment bleeder accuracy
2
%
VHM(av)
average voltage level for
5 segments
1.0
V
VHM(min)
minimum segment voltage level
0
V
VHM(max)
maximum segment voltage level
5.0
V
IibHM
input bias current
0.1
µA
TIME CONSTANT CONTROL TAUHM (PIN 22); see Figs 5, 6 and 7
IibTHM
input bias current
0.1
µA
VTHM(l)
control voltage lower limit
1.0
V
VTHM(h)
control voltage upper limit
2.0
V
MISCOUNT DETECTION
Qmc(d)
miscount detection level
5
%
tp(mc)
miscount propagation delay
20% step
25
ns
to(mc)
miscount detection on-time for
each event
0.31
0.36
0.41
µs
tY(mc)
mismatch propagation and
luminance delay
20
ns
Qmc(aW)
miscount activation level at
white
no miscount
90
%
Qmc(dW)
miscount de-activation level at
white
miscount
87
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com