Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDA9170 Datasheet HTML 1Page - NXP Semiconductors TDA9170 Datasheet HTML 2Page - NXP Semiconductors TDA9170 Datasheet HTML 3Page - NXP Semiconductors TDA9170 Datasheet HTML 4Page - NXP Semiconductors TDA9170 Datasheet HTML 5Page - NXP Semiconductors TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
October 1994
6
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
ADAPTIVE WHITE-POINT STRETCHING
For dominant HM4 and HM5 voltages or large white parts
the histogram conversion procedure makes a transfer with
large gain in the white parts. However, the amount of light
being emitted from the picture is considerably reduced.
The white stretcher introduces additional overall gain for
increased light production and, as a result, violates the
principle of having a full-scale reference.
STANDARD DEVIATION
For pictures in which segments of the histogram
distribution are very dominant, with respect to the others,
the non-linear amplification should be reduced to
compensate for pictures with a flat histogram distribution.
The standard deviation detector measures the spread of
the histogram distribution in the segments HM1 to HM5
and modulates the user setting of the non-linear amplifier.
Non-linear amplifier
The stored segment voltages, relative to their average
value and averaged over two fields, determine the
individual gain of each segment in such a way that
continuity is guaranteed for the complete range. The
maximum and minimum gain of each segment is limited.
Apart from the adaptive white-point stretching the black
and white references are not affected by the non-linear
processing. The amount of linearity can be controlled
externally at AMPNLA (pin 3) or via the I2C-bus.
Variable gamma function
As well as the histogram conversion, a variable gamma
function can be applied to ensure excellent brightness
control. It is intended as an alternative to the DC-offset of
the classic brightness user control; it maintains the black
and white references. The gamma ranges from 0.5 to 1.5.
The gamma can be set externally at VARGAM (pin 2) or
via the I2C-bus.
Colour compensation
Non-linear luminance processing influences the colour
reproduction, mainly the colour saturation. Therefore, U
and V signals are also processed for saturation
compensation. The U and V input signals are clamped
during the logic HIGH period of the clamp which is defined
by the sandcastle reference and should be DC decoupled
with external capacitors.
Timing generator
The TDA9170 is equipped with a transparent internal
timing generator for window purposes. As a timing
reference the relevant sandcastle (SC) can be used. The
window enables the black measurement and the
histogram measurement circuitry. The internal timing
generator is basically intended for system invariant
operation. The default window handles all existing norms
and disables measurement in subtitles or logos. This
default window is preset at power-up and can be selected
with a logic HIGH level at the default window select DWS
(pin 1). If not selected the blanking of the sandcastle will
define the window borders.
However, using the I2C-bus and setting the WD1 and WD2
control bits (see Table 3), the window format can also be
user-programmed. The horizontal window generator
synchronizes on the rising edge of the burst key/clamp key
of the external sandcastle reference with an adjustable
window start and stop delay. The vertical window
generator synchronizes on the falling edge of the first burst
key/clamp key after a field pulse recognition.
I2C-bus specification
The I2C-bus is designed for transparent use. At power-up
all registers are preset for system invariant and external
control. All pins related to the I2C-bus can be left
open-circuit when the I2C-bus is in the standby mode. If
the sleep mode bit in the control register is set all settings
are left to bus control. For the relevant registers and
addresses see Tables 2 to 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com