Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors TDA9170 Datasheet HTML 10Page - NXP Semiconductors TDA9170 Datasheet HTML 11Page - NXP Semiconductors TDA9170 Datasheet HTML 12Page - NXP Semiconductors TDA9170 Datasheet HTML 13Page - NXP Semiconductors TDA9170 Datasheet HTML 14Page - NXP Semiconductors TDA9170 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
October 1994
12
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
Processing of measured histogram values
ADAPTIVE GAMMA CONTROL RANGE
Gadg(min)
minimum gain for HM1
1
Gadg(max)
maximum gain for HM1
3
ADAPTIVE GAMMA SETTING ADGAM (PIN 4); note 3; see Fig.8
Vadg(l)
control voltage lower limit
1.75
V
Vadg(h)
control voltage upper limit
3.25
V
IibADG
input bias current
0.1
µA
Gadp(min)
minimum gain for HM1
no offset; GVAR = 1
1
Gadp(max)
maximum gain for HM1
no offset; GVAR = 1
3
ADAPTIVE GAMMA BY BLACK OFFSET
Gadb(min)
minimum gain for HM1
no offset; GVAR = 1
1
Gadb(max)
maximum gain for HM1
maximum offset;
GVAR = 1
2.5
WHITE-POINT STRETCH
Gwp
maximum gain luminance for
white stretch
HM-pattern = 01103:
Gnl = 1
1.09
Non-linear amplifier
NON-LINEAR GAIN SET BY HMX (PINS 16 TO 20)
Qnl(b)
segment bleeder accuracy
2
%
Gnl(min)
minimum gain segment
HM-pattern = 31100:
Gnl = 1
0.36
Gnl(max)
maximum gain segment
HM-pattern = 31100:
Gnl = 1
2.28
NON-LINEARITY SETTING AMPNLA (PIN 3); note 3
Vnl(l)
control voltage lower limit
1.75
V
Vnl(h)
control voltage upper limit
3.25
V
Iib(nl)
input bias current
0.1
µA
DYNAMICS
td(nl)
delay between linear and
non-linear path
20
ns
Variable gamma
VARIABLE GAMMA CONTROL RANGE
GVAR(min)
minimum variable gamma
setting
0.5
GVAR(max)
maximum variable gamma
setting
1.5
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com