Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button TDA9170 Datasheet HTML 5Page - NXP Semiconductors TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors TDA9170 Datasheet HTML 10Page - NXP Semiconductors TDA9170 Datasheet HTML 11Page - NXP Semiconductors TDA9170 Datasheet HTML 12Page - NXP Semiconductors TDA9170 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
October 1994
10
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
CHARACTERISTICS
VDDA = 8 V; Tamb = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pins 6, 9 and 24)
VDDA
analog supply voltage
7.2
8.8
V
VDDD
digital supply voltage
5.0
V
Vref
reference supply voltage
4.0
V
IDDA
analog supply current
40
mA
Zo(24)
output impedance
250
Zo(6)
output impedance
250
Luminance input/output selection
LUMINANCE INPUT (PIN 12); note 1
Vi(Y)
luminance input voltage
AMPSEL = 0
0.3
V
AMPSEL = 1
1.0
V
Vi(Yclamp)
input voltage level during
clamping
1.5
V
Iib(Y)
input bias current
0.1
µA
LUMINANCE INPUT VOLTAGE RANGE SELECTION AMPSEL (PIN 13); note 2
Vi(SEL)l
input voltage selection for lower
range
1.5
V
Vi(SEL)h
input voltage selection for
higher range
3.5
V
Iib(SEL)
input bias current
0.1
µA
LUMINANCE OUTPUT (PIN 21)
Vo(Y)
luminance output voltage
AMPSEL = 0
0.3
V
AMPSEL = 1
1.0
V
VoYclamp
output voltage level during
clamping
AMPSEL = 0
2.9
V
AMPSEL = 1
2.0
V
Vno
output noise voltage
52
dB
BY
luminance bandwidth
transparent
7
9
MHz
BY(nl)
non-linear processing
luminance bandwidth
10
MHz
Ebl
black level error
no offset; transparent
1
%
EG(n)
nominal gain error
no offset; transparent
8
%
Black detection and correction
BLACK DETECTOR
Blosd(max)
maximum black offset detection
at the input
23
25
27
%
Blosc(max)
maximum black offset correction
at the input
8
10
12
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com