Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 3 Page - NXP Semiconductors

  TDA9170 Datasheet HTML 1Page - NXP Semiconductors TDA9170 Datasheet HTML 2Page - NXP Semiconductors TDA9170 Datasheet HTML 3Page - NXP Semiconductors TDA9170 Datasheet HTML 4Page - NXP Semiconductors TDA9170 Datasheet HTML 5Page - NXP Semiconductors TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
October 1994
4
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
PINNING
SYMBOL
PIN
DESCRIPTION
DWS
1
default window select input
VARGAM
2
variable gamma input
AMPNLA
3
amplitude non-linearity input
ADGAM
4
adaptive gamma input
UIN
5
colour difference U input
Vref
6
reference supply voltage output
(+4 V)
VIN
7
colour difference V input
AGND
8
analog ground
VDDA
9
analog supply voltage
SC
10
sandcastle input
BOF
11
black offset on/off input
YIN
12
luminance input
AMPSEL
13
amplitude select input
TAUBP
14
time constant black peak
TAUBL
15
time constant black loop
HM1
16
histogram segment memory 1
HM2
17
histogram segment memory 2
HM3
18
histogram segment memory 3
HM4
19
histogram segment memory 4
HM5
20
histogram segment memory 5
YOUT
21
luminance output
TAUHM
22
time constant histogram
measurement loop
n.c.
23
not connected
VDDD
24
digital supply voltage (+5 V)
DGND
25
digital ground
VOUT
26
colour difference V output
DT
27
test option
UOUT
28
colour difference U output
TM
29
test option
SDA
30
serial data input/output
(I2C-bus)
SCL
31
serial clock input (I2C-bus)
ADR
32
address select input (I2C-bus)
Fig.2 Pin configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com