Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA9170 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce TDA9170
Description  YUV picture improvement processor based on histogram modification
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9170 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button TDA9170 Datasheet HTML 2Page - NXP Semiconductors TDA9170 Datasheet HTML 3Page - NXP Semiconductors TDA9170 Datasheet HTML 4Page - NXP Semiconductors TDA9170 Datasheet HTML 5Page - NXP Semiconductors TDA9170 Datasheet HTML 6Page - NXP Semiconductors TDA9170 Datasheet HTML 7Page - NXP Semiconductors TDA9170 Datasheet HTML 8Page - NXP Semiconductors TDA9170 Datasheet HTML 9Page - NXP Semiconductors TDA9170 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
October 1994
7
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification
TDA9170
Table 1
Slave address.
Table 2
Control function.
Note
1. Valid sub-addresses: 00 to 05 (HEX); auto-increment mode available for sub-addresses.
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
ADR
X
CONTROL
FUNCTION
TYPE
SUB-ADDRESS(1)
DATA BYTE
D7
D6
D5
D4
D3
D2
D1
D0
Control
REG
00
X
X
X
BON
WD2
WD1
AMS
SLP
User variable
gamma
DAC
01
X
X
D5
D4
D3
D2
D1
D0
Adaptive gamma
DAC
02
X
X
D5
D4
D3
D2
D1
D0
Non-linear
amplifier
DAC
03
X
X
D5
D4
D3
D2
D1
D0
Line start stop
REG
04
ST3
ST2
ST1
ST0
SP3
SP2
SP1
SP0
Field start stop
REG
05
ST3
ST2
ST1
ST0
SP3
SP2
SP1
SP0
Status
REG
X
X
X
X
X
X
X
POR
Table 3
Window select bits (WD1 and WD2).
Table 4
Amplitude select bit (AMS).
WD1
WD2
FUNCTION
0
0
default window
0
1
window by sandcastle blanking
1
X
user window
LOGIC LEVEL
FUNCTION
0
0.3 V luminance
1
1 V luminance
Table 5
Sleep mode bit (SLP).
Table 6
Black offset compensation enable bit (BON).
LOGIC LEVEL
FUNCTION
0
sleep
1
I2C-bus control
LOGIC LEVEL
FUNCTION
0
disabled
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com