| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX8MPCEC Fiches technique(PDF) 97 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC Fiches technique(HTML) 97 Page - NXP Semiconductors |
|
97 / 111 page ![]() Package information and contact assignments i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 97 LVDS1_D1_N B27 VDD_LVDS_1P8 PHY —— — LVDS1_D1_P A27 VDD_LVDS_1P8 PHY —— — LVDS1_D2_N C28 VDD_LVDS_1P8 PHY —— — LVDS1_D2_P B29 VDD_LVDS_1P8 PHY —— — LVDS1_D3_N D28 VDD_LVDS_1P8 PHY —— — LVDS1_D3_P C29 VDD_LVDS_1P8 PHY —— — MIPI_CSI1_CLK_N E22 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_CLK_P D22 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D0_N E18 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D0_P D18 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D1_N E20 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D1_P D20 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D2_N E24 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D2_P D24 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D3_N E26 VDD_MIPI_1P8 PHY — — Input MIPI_CSI1_D3_P D26 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_CLK_N B23 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_CLK_P A23 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D0_N B25 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D0_P A25 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D1_N B24 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D1_P A24 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D2_N B22 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D2_P A22 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D3_N B21 VDD_MIPI_1P8 PHY — — Input MIPI_CSI2_D3_P A21 VDD_MIPI_1P8 PHY — — Input MIPI_DSI1_CLK_N B18 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI1_CLK_P A18 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI1_D0_N B16 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI1_D0_P A16 VDD_MIPI_1P8 PHY — — Output low MIPI_DSI1_D1_N B17 VDD_MIPI_1P8 PHY — — Output low Table 77. 15 x 15 mm functional contact assignments (continued) Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status |