| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX8MPCEC Fiches technique(PDF) 101 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC Fiches technique(HTML) 101 Page - NXP Semiconductors |
|
101 / 111 page ![]() Package information and contact assignments i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 101 SD1_DATA7 U25 NVCC_SD1 GPIO ALT5 gpio2.IO[9] Input with PD SD1_RESET_B W25 NVCC_SD1 GPIO ALT5 gpio2.IO[10] Input with PD SD1_STROBE W26 NVCC_SD1 GPIO ALT5 gpio2.IO[11] Input with PD SD2_CD_B AD29 NVCC_SD2 GPIO ALT5 gpio2.IO[12] Input with PD SD2_CLK AB29 NVCC_SD2 GPIO ALT5 gpio2.IO[13] Input with PD SD2_CMD AB28 NVCC_SD2 GPIO ALT5 gpio2.IO[14] Input with PD SD2_DATA0 AC28 NVCC_SD2 GPIO ALT5 gpio2.IO[15] Input with PD SD2_DATA1 AC29 NVCC_SD2 GPIO ALT5 gpio2.IO[16] Input with PD SD2_DATA2 AA26 NVCC_SD2 GPIO ALT5 gpio2.IO[17] Input with PD SD2_DATA3 AA25 NVCC_SD2 GPIO ALT5 gpio2.IO[18] Input with PD SD2_RESET_B AD28 NVCC_SD2 GPIO ALT5 gpio2.IO[19] Input with PD SD2_WP AC26 NVCC_SD2 GPIO ALT5 gpio2.IO[20] Input with PD SPDIF_EXT_CLK AC18 NVCC_SAI2_SAI3_SPDIF GPIO ALT5 gpio5.IO[5] Input with PD SPDIF_RX AD18 NVCC_SAI2_SAI3_SPDIF GPIO ALT5 gpio5.IO[4] Input with PD SPDIF_TX AE18 NVCC_SAI2_SAI3_SPDIF GPIO ALT5 gpio5.IO[3] Input with PD UART1_RXD AD6 NVCC_I2C_UART GPIO ALT5 gpio5.IO[22] Input with PD UART1_TXD AJ3 NVCC_I2C_UART GPIO ALT5 gpio5.IO[23] Input with PD UART2_RXD AF6 NVCC_I2C_UART GPIO ALT5 gpio5.IO[24] Input with PD UART2_TXD AH4 NVCC_I2C_UART GPIO ALT5 gpio5.IO[25] Input with PD UART3_RXD AE6 NVCC_I2C_UART GPIO ALT5 gpio5.IO[26] Input with PD UART3_TXD AJ4 NVCC_I2C_UART GPIO ALT5 gpio5.IO[27] Input with PD UART4_RXD AJ5 NVCC_I2C_UART GPIO ALT5 gpio5.IO[28] Input with PD UART4_TXD AH5 NVCC_I2C_UART GPIO ALT5 gpio5.IO[29] Input with PD USB1_D_N E10 VDD_USB_3P3 PHY — — Input USB1_D_P D10 VDD_USB_3P3 PHY — — Input USB1_DNU B11 VDD_USB_3P3 PHY —— — USB1_RX_N B9 VDD_USB_3P3 PHY — — Input USB1_RX_P A9 VDD_USB_3P3 PHY — — Input USB1_TX_N B10 VDD_USB_3P3 PHY — — Output USB1_TX_P A10 VDD_USB_3P3 PHY — — Output USB1_TXRTUNE F10 VDD_USB_3P3 PHY — — Input Table 77. 15 x 15 mm functional contact assignments (continued) Ball Name Ball Power group Ball type Reset condition Default Default function Input/ Output status |