Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX8MPCEC Fiches technique(PDF) 57 Page - NXP Semiconductors

No de pièce IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Fiches technique(HTML) 57 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 53Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 54Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 55Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 56Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 57Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 58Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 59Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 60Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
Electrical characteristics
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
57
Figure 23. RGMII receive signal timing diagram with internal delay
3.8.4
Ethernet Quality-of-Service (QOS) electrical specifications
Ethernet QOS supports the following Time Sensitive Networking (TSN) features:
•
802.1Qbv Enhancements to Scheduling Traffic
•
802.1Qbu Frame preemption
•
Time based Scheduling
•
1.8 V/3.3 V RMII operation, 1.8 V RGMII operation
3.8.4.1
Ethernet QOS signal mapping
The following timing specs are defined at the chip I/O pin and must be translated appropriately to arrive
at timing specs/constraints for the physical interface.
Table 47. ENET QOS signal mapping
Pad name
Description
Mode
Alt mode
Direction
Comments
GPIO1_IO06
enet_qos.MDC
RMII/RGMII
ALT1
O
—
GPIO1_IO07
enet_qos.MDIO
RMII/RGMII
ALT1
I/O
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More