Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX8MPCEC Fiches technique(PDF) 90 Page - NXP Semiconductors

No de pièce IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Fiches technique(HTML) 90 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 86Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 87Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 88Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 89Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 90Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 91Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 92Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 93Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
90
NXP Semiconductors
Package information and contact assignments
VDD_HDMI_0P8
W22
Supply for HDMI interface
VDD_HDMI_1P8
AA22
Supply for HDMI interface
VDD_LVDS_1P8
J22
Supply for LVDS
VDD_MIPI_0P8
K16
Supply for MIPI PHY
VDD_MIPI_1P2_CAP
F20
Supply for MIPI PHY
VDD_MIPI_1P8
K20
Supply for MIPI PHY
VDD_PCI_0P8
K15
Supply for PCIe PHY
VDD_PCI_1P8
K19
Supply for PCIe PHY
VDD_SAI_PLL_0P8
U21
Supply for SAI PLL
VDD_SAI_PLL_1P8
W18
Supply for SAI PLL
VDD_SNVS_0P8_CAP
N26
Supply for SNVS logic
VDD_SOC
K10, L9, L10, L11, L12, L13, L17, L18, L19,
L20, L21, M14, M16, N9, N10, N12, N13, N14,
N15, N16, N17, N18, N20, N21, P14, P16,
R10, R20, U9, U10, U20, W9, W10, W11, W20
Supply for SOC logic
VDD_USB_0P8
K14
Supply for USB PHY
VDD_USB_1P8
J19
Supply for USB PHY
VDD_USB_3P3
J14
Supply for USB PHY
VSS
A1, A29, C4, C6, C8, C10, C12, C14, C16,
C18, C20, C22, C24, C26, E3, E27, G3, G6,
G24, G27, H8, H10, H12, H14, H16, H18, H20,
H22, J3, J7, J23, J27, L3, L7, L14, L16, L23,
L27, M11, M19, N3, N7, N11, N19, N23, N27,
P11, P19, R3, R7, R11, R12, R13, R14, R16,
R17, R18, R19, R23, R27, T11, T19, U3, U7,
U11, U18, U19, U23, U27, V11, V19, W3, W7,
W14, W16, W23, W27, AA3, AA7, AA23,
AA27, AB8, AB10, AB12, AB14, AB16, AB18,
AB20, AB22, AC3, AC6, AC24, AC27, AE3,
AE27, AG4, AG6, AG8, AG10, AG12, AG14,
AG16, AG18, AG20, AG22, AG24, AG26, AJ1,
AJ29
—
Table 76. i.MX 8M Plus 15 x 15 mm supplies contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More