| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX8MPCEC Fiches technique(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC Fiches technique(HTML) 33 Page - NXP Semiconductors |
|
33 / 111 page ![]() Electrical characteristics i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 NXP Semiconductors 33 • SUSPEND Mode: The most efficient power saving mode where all the clocks are off and all the unnecessary power supplies are off. • SNVS Mode: This mode is also called RTC mode. Only the power for the SNVS domain remains on to keep RTC and SNVS logic alive. • OFF Mode: All power rails are off. Table 22 summarizes the external power supply states in all the power modes. Table 21. Chip power in different LP mode Mode Supply Typ.1 1 All the power numbers defined in the table are based on typical silicon at 25oC. Use case dependent Unit SUSPEND VDD_SOC 13.40 mW NVCC_DRAM 2.20 NVCC_SNVS_1P8 0.30 PVCC 0.70 NVCC 0.70 VDD_ANA_0P8 1.90 VDD_ANA_1P8 1.30 Total2 2 Sum of the listed supply rails. 19.20 Table 22. The power supply states Power rail OFF SNVS SUSPEND IDLE RUN VDD_ARM OFF OFF OFF ON ON VDD_SOC OFF OFF ON ON ON Misc_1P81 1 See Table 20, "Group name" OFF OFF ON ON ON Misc_0P81 OFF OFF ON ON ON VDD_DRAM_PLL_1P8 VDD_DRAM_PLL_0P8 OFF OFF ON ON ON NVCC_SNVS OFF ON ON ON ON NVCC_<XXX> OFF OFF ON ON ON NVCC_DRAM OFF OFF ON ON ON DRAM_VREF OFF OFF OFF ON ON |