| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX8MPCEC Fiches technique(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX8MPCEC Fiches technique(HTML) 26 Page - NXP Semiconductors |
|
26 / 111 page ![]() i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021 26 NXP Semiconductors Electrical characteristics MEDIA_APB_CLK_ROOT 200 200 MHz HDMI_APB_CLK_ROOT 133 133 MHz HDMI_AXI_CLK_ROOT 400 500 MHz GPU_AXI_CLK_ROOT 600 800 MHz GPU_AHB_CLK_ROOT 300 400 MHz NOC_CLK_ROOT 800 1000 MHz NOC_IO_CLK_ROOT 600 800 MHz ML_AXI_CLK_ROOT 800 800 MHz ML_AHB_CLK_ROOT 300 400 MHz AHB_CLK_ROOT 133.333 133.333 MHz IPG_CLK_ROOT 66.667 66.667 MHz AUDIO_AHB_CLK_ROOT 400 400 MHz MEDIA_DISP2_CLK_ROOT 170 170 MHz DRAM_ALT_CLK_ROOT 666.667 666.667 MHz DRAM_APB_CLK_ROOT 200 200 MHz VPU_G1_CLK_ROOT 600 800 MHz VPU_G2_CLK_ROOT 500 700 MHz CAN1_CLK_ROOT 80 80 MHz CAN2_CLK_ROOT 80 80 MHz MEMREPAIR_CLK_ROOT 24 24 MHz PCIE_PHY_CLK_ROOT 250 250 MHz PCIE_AUX_CLK_ROOT 10 10 MHz I2C5_CLK_ROOT 66 66 MHz I2C6_CLK_ROOT 66 66 MHz SAI1_CLK_ROOT 66 66 MHz SAI2_CLK_ROOT 66 66 MHz SAI3_CLK_ROOT 66 66 MHz SAI5_CLK_ROOT 66 66 MHz SAI6_CLK_ROOT 66 66 MHz ENET_QOS_CLK_ROOT 125 125 MHz ENET_QOS_TIMER_CLK_ROOT 200 200 MHz ENET_REF_CLK_ROOT 125 125 MHz ENET_TIMER_CLK_ROOT 125 125 MHz Table 13. Maximum frequency of modules (continued) (Sheet 2 of 4) Clock root Nominal mode Overdrive mode Unit |