Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX8MPCEC Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 18Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 19Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 20Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
Modules list
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
NXP Semiconductors
17
If there are any questions, visit the web page NXP.com/IMX 8 Processors or contact an NXP representative
for details.
USB1 and
USB2 are
not used
VDD_USB_3P3, VDD_USB_1P8, VDD_USB_0P8
Not connected
USB1_VBUS, USB1_D_P, USB1_D_N, USB1_TX_P, USB1_TX_N,
USB1_DNU, USB1_TXRTUNE, USB1_RX_P, USB1_RX_N
Ground *RX_P and *RX_N,
others are not connected
USB2_VBUS, USB2_D_P, USB2_D_N, USB2_TX_P, USB2_TX_N,
USB2_DNU, USB2_TXRTUNE, USB2_RX_P, USB2_RX_N
Ground *RX_P and *RX_N,
others are not connected
Table 7. USB strapping recommendations (continued)
Function
Ball name
Recommendations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More