Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IMX8MPCEC Fiches technique(PDF) 68 Page - NXP Semiconductors

No de pièce IMX8MPCEC
Description  i.MX 8M Plus Applications Processor Datasheet for Consumer Products
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MPCEC Fiches technique(HTML) 68 Page - NXP Semiconductors

Back Button IMX8MPCEC Datasheet HTML 64Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 65Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 66Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 67Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 68Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 69Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 70Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 71Page - NXP Semiconductors IMX8MPCEC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 111 page
background image
i.MX 8M Plus Applications Processor Datasheet for Consumer Products, Rev. 0, 03/2021
68
NXP Semiconductors
Electrical characteristics
3.8.5.3
ONFI NV-DDR2 mode (ONFI 3.2 compatible)
3.8.5.3.1
Command and address timing
ONFI 3.2 mode command and address timing is the same as ONFI 1.0 compatible Async mode AC timing.
See Section 3.8.5.1, Asynchronous mode AC timing (ONFI 1.0 compatible) for details.
3.8.5.3.2
Read and write timing
ONFI 3.2 mode read and write timing is the same as Toggle mode AC timing. See Section 3.8.5.4, Toggle
mode AC Timing for details.
3.8.5.4
Toggle mode AC Timing
3.8.5.4.1
Command and address timing
NOTE
Toggle mode command and address timing is the same as ONFI 1.0
compatible Asynchronous mode AC timing. See Section 3.8.5.1,
Asynchronous mode AC timing (ONFI 1.0 compatible) for details.
3.8.5.4.2
Read and write timing
Figure 37. Toggle mode data write timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More