| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 183 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 183 Page - Cirrus Logic |
|
183 / 300 page ![]() DS1085F3 183 CS47L35 4.15 Interrupts R6422 (0x1916) IRQ2_Status_23 3 EVENT4_FULL_EINT2 0 Event Log 4 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 EVENT3_FULL_EINT2 0 Event Log 3 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 EVENT2_FULL_EINT2 0 Event Log 2 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 EVENT1_FULL_EINT2 0 Event Log 1 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6423 (0x1917) IRQ2_Status_24 3 EVENT4_WMARK_EINT2 0 Event Log 4 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 EVENT3_WMARK_EINT2 0 Event Log 3 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 EVENT2_WMARK_EINT2 0 Event Log 2 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 EVENT1_WMARK_EINT2 0 Event Log 1 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6424 (0x1918) IRQ2_Status_25 2 DSP3_DMA_EINT2 00 DSP3 DMA Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_DMA_EINT2 00 DSP2 DMA Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_DMA_EINT2 00 DSP1 DMA Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6426 (0x191A) IRQ2_Status_27 2 DSP3_START1_EINT2 0 DSP3 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_START1_EINT2 0 DSP2 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_START1_EINT2 0 DSP1 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6427 (0x191B) IRQ2_Status_28 2 DSP3_START2_EINT2 0 DSP3 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_START2_EINT2 0 DSP2 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_START2_EINT2 0 DSP1 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6429 (0x191D) IRQ2_Status_30 2 DSP3_BUSY_EINT2 0 DSP3 Busy Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_BUSY_EINT2 0 DSP2 Busy Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_BUSY_EINT2 0 DSP1 Busy Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6430 (0x191E) IRQ2_Status_31 0 MIF1_DONE_EINT2 0 MIF1 Done Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6431 (0x191F) IRQ2_Status_32 0 MIF1_BLOCK_EINT2 0 MIF1 Block Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6464 (0x1940) to R6495 (0x195F) IM_* 1 For each x_EINT2 interrupt bit in R6400 to R6431, a corresponding mask bit (IM_*) is provided in R6464 to R6495. The mask bits are coded as follows: 0 = Do not mask interrupt 1 = Mask interrupt R6528 (0x1980) IRQ2_Raw_ Status_1 12 CTRLIF_ERR_STS2 0 Control Interface Error Status 0 = Normal 1 = Control Interface Error 7 BOOT_DONE_STS2 0 Boot Status 0 = Busy (boot sequence in progress) 1 = Idle (boot sequence completed) Control register writes should not be attempted until Boot Sequence has completed. Table 4-90. Interrupt 2 Control Registers (Cont.) Register Address Bit Label Default Description |