Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS47L35 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Fiches technique(HTML) 4 Page - Cirrus Logic

  CS47L35 Datasheet HTML 1Page - Cirrus Logic CS47L35 Datasheet HTML 2Page - Cirrus Logic CS47L35 Datasheet HTML 3Page - Cirrus Logic CS47L35 Datasheet HTML 4Page - Cirrus Logic CS47L35 Datasheet HTML 5Page - Cirrus Logic CS47L35 Datasheet HTML 6Page - Cirrus Logic CS47L35 Datasheet HTML 7Page - Cirrus Logic CS47L35 Datasheet HTML 8Page - Cirrus Logic CS47L35 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 300 page
background image
4
DS1085F3
CS47L35
1 Pin Descriptions
1 Pin Descriptions
1.1 WLCSP Pinout
Figure 1-1. Top-Down (Through-Package) View—101-Ball WLCSP Package
A2
A4
A6
A8
A10
B1
B3
B5
B7
B9
B11
B13
MICBIAS1A
MICBIAS1B
CPVDD1
CP1VOUT2N
EPOUTP
HPOUTL
C2
C4
C6
C8
C10
C12
MICBIAS2A
MICVDD
CPGND
CP1C2B
HPOUTR
HPDETR
D1
D3
D5
D7
D9
D11
D13
IN1ARN/
DMICDAT1
MICBIAS2B
CP1C2A
CPVDD2
EPOUTN
HPDETL
E2
E4
E6
E8
E10
E12
IN1ARP
NC
CP1C1B
CP1VOUT2P
JACKDET1
HPOUTFB1/
MICDET2
F1
F3
F5
F6
F7
F9
F11
F13
IN2RN/
DMICDAT2
IN1ALN/
DMICCLK1
CP1C1A
CP1VOUT1N
AGND2
MICDET1/
HPOUTFB2
G2
G4
G6
G8
G10
G12
IN2RP
CP2VOUT
CP1VOUT1P
GPSWP
AVDD2
H1
H3
H5
H7
H9
H11
H13
IN1BRP
IN1ALP
CP2CB
CP2CA
GPSWN
AGND2
I1
J2
J4
J6
J8
J10
J12
IN1BRN
IN2LN/
DMICCLK2
NC
RESET
JACKDET2
SUBGND
K1
K3
K5
K7
K9
K11
K13
VREFC
IN1BLN
NC
NC
IRQ
DGND
L2
L4
L6
L8
L10
L12
AVDD1
IN2LP
AIF2RXDAT/
GPIO14
TMS
CIF1SS
FLLVDD
M1
M3
M5
M7
M9
M11
M13
AGND1
IN1BLP
AIF2TXDAT/
GPIO12
TDO
CIF1MOSI
CIF1SCLK
N2
N4
N6
N8
N10
N12
SPKCLK/
GPIO6
AIF3TXDAT/
GPIO1
AIF2LRCLK/
GPIO15
TRST
CIF1MISO
MCLK1
O1
P1
P3
P5
P7
P9
P11
P13
SUBGND
SPKDAT/
GPIO5
AIF3LRCLK/
GPIO4
TDI
SLIMDAT
CIF2SDA
Q1
R2
R4
R6
R8
R10
R12
SPKOUTN
AIF3RXDAT/
GPIO3
AIF2BCLK/
GPIO13
MIF1SDA/
GPIO7
AIF1RXDAT/
GPIO8
CIF2SCLK
S1
T1
T3
T5
T7
T9
T11
T13
SPKVDD
SPKGNDN
AIF3BCLK/
GPIO2
TCK
SLIMCLK
AIF1LRCLK/
GPIO11
U2
U4
U6
U8
U10
U12
SPKOUTP
DGND
MCLK2
MIF1SCLK/
GPIO16
AIF1TXDAT/
GPIO10
AIF1BCLK/
GPIO9
SPKVDD
SPKGNDP
DBVDD2
DCVDD
DGND
DBVDD1
U13
A1
A3
A5
A7
A9
A11
B2
B4
B6
B8
B10
B12
C1
C3
C5
C7
C9
C11
D2
D4
D6
D8
D10
D12
E1
E3
E5
E7
E9
E11
F2
F4
F8
F10
F12
G1
G3
G5
G7
G9
G11
H2
H4
H6
H8
H10
H12
J1
J3
J5
J7
J9
J11
K2
K4
K6
K8
K10
K12
L1
L3
L5
L7
L9
L11
M2
M4
M6
M8
M10
M12
N1
N3
N5
N7
N9
N11
P2
P4
P6
P8
P10
P12
R1
R3
R5
R7
R9
R11
T2
T4
T6
T8
T10
T12
U1
U3
U5
U7
U9
U11
Power
Analog I/O
Digital I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More