| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 182 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 182 Page - Cirrus Logic |
|
182 / 300 page ![]() 182 DS1085F3 CS47L35 4.15 Interrupts R6414 (0x190E) IRQ2_Status_15 2 SPK_OVERHEAT_WARN_EINT2 0 Speaker Overheat Warning Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 SPK_OVERHEAT_EINT2 0 Speaker Overheat Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 SPK_SHUTDOWN_EINT2 0 Speaker Shutdown Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. R6416 (0x1910) IRQ2_Status_17 15 GP16_EINT2 0 GPIO16 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 14 GP15_EINT2 0 GPIO15 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 13 GP14_EINT2 0 GPIO14 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 12 GP13_EINT2 0 GPIO13 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 11 GP12_EINT2 0 GPIO12 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 10 GP11_EINT2 0 GPIO11 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 9 GP10_EINT2 0 GPIO10 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 8 GP9_EINT2 0 GPIO9 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 7 GP8_EINT2 0 GPIO8 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 6 GP7_EINT2 0 GPIO7 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 5 GP6_EINT2 0 GPIO6 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 4 GP5_EINT2 0 GPIO5 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 3 GP4_EINT2 0 GPIO4 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 2 GP3_EINT2 0 GPIO3 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 1 GP2_EINT2 0 GPIO2 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. 0 GP1_EINT2 0 GPIO1 Interrupt (Rising and falling edge triggered) Note: Cleared when a 1 is written. R6420 (0x1914) IRQ2_Status_21 3 TIMER4_EINT2 0 Timer 4 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 TIMER3_EINT2 0 Timer 3 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 TIMER2_EINT2 0 Timer 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 TIMER1_EINT2 0 Timer 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6421 (0x1915) IRQ2_Status_22 3 EVENT4_NOT_EMPTY_EINT2 0 Event Log 4 FIFO Not Empty Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 EVENT3_NOT_EMPTY_EINT2 0 Event Log 3 FIFO Not Empty Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 EVENT2_NOT_EMPTY_EINT2 0 Event Log 2 FIFO Not Empty Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 EVENT1_NOT_EMPTY_EINT2 0 Event Log 1 FIFO Not Empty Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. Table 4-90. Interrupt 2 Control Registers (Cont.) Register Address Bit Label Default Description |