| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 75 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 75 Page - Cirrus Logic |
|
75 / 300 page ![]() DS1085F3 75 CS47L35 4.3 Digital Core Figure 4-27. Isochronous Sample-Rate Converters (ISRCs) The ISRC input control fields (see Fig. 4-27) are located at register addresses R2816–R2936 (0x0B00–0x0B78). The full list of digital mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are provided in Table 4-7. The x_SRC fields select the input sources for the respective ISRC processing blocks. Note that the selected input sources must be configured for the same sample rate as the ISRC to which they are connected. The hexadecimal numbers in Fig. 4-27 indicate the corresponding x_SRC setting for selection of that signal as an input to another digital-core function. The ISRC paths should be kept disabled (ISRCn_INTm_ENA = 0, ISRCn_DECm_ENA = 0) if SYSCLK is not enabled. The x_SRCn fields for all digital core functions should be held at 0x00 if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting other values for these fields. See Section 4.16.4 for further details (including requirements for reconfiguring SYSCLK while digital core functions are enabled). ISRCn_INT2_ENA ISRCn_INT3_ENA ISRCn_INT4_ENA ISRCn_INT1_ENA ISRCnINT1_SRC ISRCnINT3_SRC ISRCnINT4_SRC ISRCnINT2_SRC ISRC1 INT1 (A0h) ISRC2 INT1 (A8h) ISRC1 INT2 (A1h) ISRC2 INT2 (A9h) ISRC1 INT3 (A2h) ISRC2 INT3 (AAh) ISRC1 INT4 (A3h) ISRC2 INT4 (ABh) ISRCn_DEC2_ENA ISRCn_DEC3_ENA ISRCn_DEC4_ENA ISRCn_DEC1_ENA ISRCnDEC1_SRC ISRCnDEC3_SRC ISRCnDEC4_SRC ISRCnDEC2_SRC ISRC1 DEC1 (A4h) ISRC2 DEC1 (ACh) ISRC1 DEC2 (A5h) ISRC2 DEC2 (ADh) ISRC1 DEC3 (A6h) ISRC2 DEC3 (AEh) ISRC1 DEC4 (A7h) ISRC2 DEC4 (AFh) ISRCn_FSL ISRCn_FSH ISRC provides sample-rate conversions between synchronized sample rates on SYSCLK clock domain . ISRCn_FSL identifies the lower of the two sample rates. ISRCn_FSH identifies the higher of the two sample rates. … … … … … … … … CS47L35 supports two ISRC blocks, i.e., n = 1 or 2 |