| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 45 Page - Cirrus Logic |
|
45 / 300 page ![]() DS1085F3 45 CS47L35 4.3 Digital Core The OUT_RATE, AIFn_RATE, or SLIMTXn_RATE fields must not be changed if any of the respective x_SRCn fields is nonzero. The associated x_SRCn fields must be cleared before writing new values to OUT_RATE, AIFn_RATE, or SLIMTXn_RATE. A minimum delay of 125 s must be allowed between clearing the x_SRCn fields and writing to the associated OUT_RATE, AIFn_RATE, or SLIMTXn_RATE fields. See Table 4-21 for details. The CS47L35 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the output mixer paths. If the frequency is too low, an attempt to enable an output mixer path fails. Note that active signal paths are not affected under such circumstances. The status bits in registers R1600–R2936 indicate the status of each of the digital mixers. If an underclocked error condition occurs, these bits indicate which mixers have been enabled. Figure 4-13. Digital-Core AIF Outputs AIF3TXnMIX_SRC1 AIF3TXnMIX_SRC3 AIF3TXnMIX_SRC4 AIF3TXnMIX_SRC2 AIF3 TXn AIF2TXnMIX_SRC1 AIF2TXnMIX_SRC3 AIF2TXnMIX_SRC4 AIF2TXnMIX_SRC2 AIF2 TXn AIF1TXnMIX_SRC1 AIF1TXnMIX_SRC3 AIF1TXnMIX_SRC4 AIF1TXnMIX_SRC2 AIF1 TXn AIF3TXnMIX_VOL2 AIF3TXnMIX_VOL3 AIF3TXnMIX_VOL4 AIF3TXnMIX_VOL1 AIF2TXnMIX_VOL2 AIF2TXnMIX_VOL3 AIF2TXnMIX_VOL4 AIF2TXnMIX_VOL1 AIF1TXnMIX_VOL2 AIF1TXnMIX_VOL3 AIF1TXnMIX_VOL4 AIF1TXnMIX_VOL1 + + + … … … … … … … … … … … … CS47L35 supports six AIF1 output mixers, i.e., n = 1–6 CS47L35 supports two AIF2 output mixers, i.e., n = 1 or 2 CS47L35 supports two AIF3 output mixers, i.e., n = 1 or 2 |