| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 8 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 8 Page - Cirrus Logic |
|
8 / 300 page ![]() 8 DS1085F3 CS47L35 1.2 Pin Descriptions DCVDD U7 — — Digital core supply DGND J11, T4, U9 — — Digital ground (return path for DCVDD and DBVDDn) FLLVDD K12 — — Analog supply (FLL1) SPKGNDN R3 — — Speaker driver ground (return path for SPKVDD) 1 SPKGNDP U3 — — Speaker driver ground (return path for SPKVDD) 1 SPKVDD R1, U1 — — Speaker driver supply SUBGND H12, N1 — — Substrate ground No Connect NC D4, H6, J5, J7 — — No connection 1. Separate P/N ground connections are provided for the Class D speaker output, which provides flexible support for current monitoring and output-protection circuits. If this option is not used, these ground connections should be tied together on the PCB. Table 1-1. Pin Descriptions (Cont.) Name Ball # Power Supply I/O Description |