Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS47L35 Fiches technique(PDF) 185 Page - Cirrus Logic

No de pièce CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Fiches technique(HTML) 185 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 181Page - Cirrus Logic CS47L35 Datasheet HTML 182Page - Cirrus Logic CS47L35 Datasheet HTML 183Page - Cirrus Logic CS47L35 Datasheet HTML 184Page - Cirrus Logic CS47L35 Datasheet HTML 185Page - Cirrus Logic CS47L35 Datasheet HTML 186Page - Cirrus Logic CS47L35 Datasheet HTML 187Page - Cirrus Logic CS47L35 Datasheet HTML 188Page - Cirrus Logic CS47L35 Datasheet HTML 189Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 300 page
background image
DS1085F3
185
CS47L35
4.15 Interrupts
The IRQ output and polarity control registers are described in Table 4-91.
R6542 (0x198E)
IRQ2_Raw_
Status_15
2 SPK_OVERHEAT_WARN_STS2
0
Speaker Overheat Warning Status
0 = Normal
1 = Warning temperature exceeded
1 SPK_OVERHEAT_STS2
0
Speaker Overheat Status
0 = Normal
1 = Shutdown temperature exceeded
0 SPK_SHUTDOWN_STS2
0
Speaker Shutdown Status
0 = Normal
1 = Speaker Shutdown completed (due to Overheat Temperature
or Short Circuit condition)
R6544 (0x1990)
IRQ2_Raw_
Status_17
15 GP16_STS2
0
GPIOn Input status
Reads back the logic level of GPIOn.
Only valid for pins configured as GPIO input (does not include
DSPGPIO inputs).
14 GP15_STS2
0
13 GP14_STS2
0
12 GP13_STS2
0
11 GP12_STS2
0
10 GP11_STS2
0
9 GP10_STS2
0
8GP9_STS2
0
7GP8_STS2
0
6GP7_STS2
0
5GP6_STS2
0
4GP5_STS2
0
3GP4_STS2
0
2GP3_STS2
0
1GP2_STS2
0
0GP1_STS2
0
R6549 (0x1995)
IRQ2_Raw_
Status_22
3 EVENT4_NOT_EMPTY_STS2
0
Event Log n FIFO Not Empty status
0 = FIFO Empty
1 = FIFO Not Empty
2 EVENT3_NOT_EMPTY_STS2
0
1 EVENT2_NOT_EMPTY_STS2
0
0 EVENT1_NOT_EMPTY_STS2
0
R6550 (0x1996)
IRQ2_Raw_
Status_23
3 EVENT4_FULL_STS2
0
Event Log n FIFO Full status
0 = FIFO Not Full
1 = FIFO Full
2 EVENT3_FULL_STS2
0
1 EVENT2_FULL_STS2
0
0 EVENT1_FULL_STS2
0
R6551 (0x1997)
IRQ2_Raw_
Status_24
3 EVENT4_WMARK_STS2
0
Event Log n FIFO Watermark status
0 = FIFO Watermark not reached
1 = FIFO Watermark reached
2 EVENT3_WMARK_STS2
0
1 EVENT2_WMARK_STS2
0
0 EVENT1_WMARK_STS2
0
R6552 (0x1998)
IRQ2_Raw_
Status_25
2 DSP3_DMA_STS2
00
DSPn DMA status
0 = Normal
1 = All enabled WDMA buffers filled, and all enabled RDMA
buffers emptied
1 DSP2_DMA_STS2
00
0 DSP1_DMA_STS2
00
R6557 (0x199D)
IRQ2_Raw_
Status_30
2 DSP3_BUSY_STS2
0
DSPn Busy status
0 = DSP Idle
1 = DSP Busy
1 DSP2_BUSY_STS2
0
0 DSP1_BUSY_STS2
0
Table 4-90. Interrupt 2 Control Registers (Cont.)
Register Address Bit
Label
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More