| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 179 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 179 Page - Cirrus Logic |
|
179 / 300 page ![]() DS1085F3 179 CS47L35 4.15 Interrupts R6286 (0x188E) IRQ1_Raw_ Status_15 2 SPK_OVERHEAT_WARN_STS1 0 Speaker Overheat Warning Status 0 = Normal 1 = Warning temperature exceeded 1 SPK_OVERHEAT_STS1 0 Speaker Overheat Status 0 = Normal 1 = Shutdown temperature exceeded 0 SPK_SHUTDOWN_STS1 0 Speaker Shutdown Status 0 = Normal 1 = Speaker Shutdown completed (due to Overheat Temperature or Short Circuit condition) R6288 (0x1890) IRQ1_Raw_ Status_17 15 GP16_STS1 0 GPIOn Input status. Reads back the logic level of GPIOn. Only valid for pins configured as GPIO input (does not include DSPGPIO inputs). 14 GP15_STS1 0 13 GP14_STS1 0 12 GP13_STS1 0 11 GP12_STS1 0 10 GP11_STS1 0 9 GP10_STS1 0 8GP9_STS1 0 7GP8_STS1 0 6GP7_STS1 0 5GP6_STS1 0 4GP5_STS1 0 3GP4_STS1 0 2GP3_STS1 0 1GP2_STS1 0 0GP1_STS1 0 R6293 (0x1895) IRQ1_Raw_ Status_22 3 EVENT4_NOT_EMPTY_STS1 0 Event Log n FIFO Not Empty status 0 = FIFO Empty 1 = FIFO Not Empty 2 EVENT3_NOT_EMPTY_STS1 0 1 EVENT2_NOT_EMPTY_STS1 0 0 EVENT1_NOT_EMPTY_STS1 0 R6294 (0x1896) IRQ1_Raw_ Status_23 3 EVENT4_FULL_STS1 0 Event Log n FIFO Full status 0 = FIFO Not Full 1 = FIFO Full 2 EVENT3_FULL_STS1 0 1 EVENT2_FULL_STS1 0 0 EVENT1_FULL_STS1 0 R6295 (0x1897) IRQ1_Raw_ Status_24 3 EVENT4_WMARK_STS1 0 Event Log n FIFO Watermark status 0 = FIFO Watermark not reached 1 = FIFO Watermark reached 2 EVENT3_WMARK_STS1 0 1 EVENT2_WMARK_STS1 0 0 EVENT1_WMARK_STS1 0 R6296 (0x1898) IRQ1_Raw_ Status_25 2 DSP3_DMA_STS1 00 DSPn DMA status 0 = Normal 1 = All enabled WDMA buffers filled, and all enabled RDMA buffers emptied 1 DSP2_DMA_STS1 00 0 DSP1_DMA_STS1 00 R6301 (0x189D) IRQ1_Raw_ Status_30 2 DSP3_BUSY_STS1 0 DSPn Busy status 0 = DSP Idle 1 = DSP Busy 1 DSP2_BUSY_STS1 0 0 DSP1_BUSY_STS1 0 1.The BOOT_DONE_EINT1 interrupt is 0 (unmasked) by default; all other interrupts are 1 (masked) by default. Table 4-89. Interrupt 1 Control Registers (Cont.) Register Address Bit Label Default Description |