Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS47L35 Fiches technique(PDF) 47 Page - Cirrus Logic

No de pièce CS47L35
Description  Smart Codec with Low-Power Audio DSP
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L35 Fiches technique(HTML) 47 Page - Cirrus Logic

Back Button CS47L35 Datasheet HTML 43Page - Cirrus Logic CS47L35 Datasheet HTML 44Page - Cirrus Logic CS47L35 Datasheet HTML 45Page - Cirrus Logic CS47L35 Datasheet HTML 46Page - Cirrus Logic CS47L35 Datasheet HTML 47Page - Cirrus Logic CS47L35 Datasheet HTML 48Page - Cirrus Logic CS47L35 Datasheet HTML 49Page - Cirrus Logic CS47L35 Datasheet HTML 50Page - Cirrus Logic CS47L35 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 300 page
background image
DS1085F3
47
CS47L35
4.3 Digital Core
Figure 4-15. Digital-Core SLIMbus Outputs
4.3.4
Five-Band Parametric Equalizer (EQ)
The digital core provides four EQ processing blocks as shown in Fig. 4-16. A four-input mixer is associated with each EQ.
The four input sources are selectable in each case, and independent volume control is provided for each path. Each EQ
block supports one output.
The EQ provides selective control of five frequency bands as follows:
• The low-frequency band (Band 1) filter can be configured as a peak filter or as a shelving filter. If configured as a
shelving filter, it provides adjustable gain below the Band 1 cut-off frequency. As a peak filter, it provides adjustable
gain within a defined frequency band that is centered on the Band 1 frequency.
• The midfrequency bands (Band 2–Band 4) filters are peak filters that provide adjustable gain around the respective
center frequency.
• The high-frequency band (Band 5) filter is a shelving filter that provides adjustable gain above the Band 5 cut-off
frequency.
Figure 4-16. Digital-Core EQ Blocks
The EQ1–EQ4 mixer control fields (see Fig. 4-16) are located at register addresses R2176–R2207 (0x0880–0x089F).
The full list of digital-mixer control registers (R1600–R2936) is provided in Section 6. Generic register field definitions are
provided in Table 4-7.
The x_SRCn fields select the input sources for the respective EQ processing blocks. Note that the selected input sources
must be configured for the same sample rate as the EQ to which they are connected. Sample-rate conversion functions
are available to support flexible interconnectivity; see Section 4.3.14.
SLIMTXnMIX_SRC1
SLIMTXnMIX_SRC3
SLIMTXnMIX_SRC4
SLIMTXnMIX_SRC2
SLIMbus TXn
SLIMTXnMIX_VOL2
SLIMTXnMIX_VOL3
SLIMTXnMIX_VOL4
SLIMTXnMIX_VOL1
+
…
…
…
…
CS47L35 supports six SLIMbus output mixers, i.e., n = 1–6
EQnMIX_VOL2
EQnMIX_VOL3
EQnMIX_VOL4
EQnMIX_VOL1
EQnMIX_SRC1
EQnMIX_SRC3
EQnMIX_SRC4
EQnMIX_SRC2
EQ1 (0x50)
EQ2 (0x51)
EQ3 (0x52)
EQ4 (0x53)
Five-band equalizer
+
EQ
…
…
…
…
CS47L35 supports four EQ blocks, i.e., n = 1–4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More