| Moteur de recherche de fiches techniques de composants électroniques |
|
CS47L35 Fiches technique(PDF) 177 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Fiches technique(HTML) 177 Page - Cirrus Logic |
|
177 / 300 page ![]() DS1085F3 177 CS47L35 4.15 Interrupts R6166 (0x1816) IRQ1_Status_23 3 EVENT4_FULL_EINT1 0 Event Log 4 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 EVENT3_FULL_EINT1 0 Event Log 3 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 EVENT2_FULL_EINT1 0 Event Log 2 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 EVENT1_FULL_EINT1 0 Event Log 1 FIFO Full Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6167 (0x1817) IRQ1_Status_24 3 EVENT4_WMARK_EINT1 0 Event Log 4 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 2 EVENT3_WMARK_EINT1 0 Event Log 3 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 EVENT2_WMARK_EINT1 0 Event Log 2 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 EVENT1_WMARK_EINT1 0 Event Log 1 FIFO Watermark Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6168 (0x1818) IRQ1_Status_25 2 DSP3_DMA_EINT1 00 DSP3 DMA Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_DMA_EINT1 00 DSP2 DMA Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_DMA_EINT1 00 DSP1 DMA Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6170 (0x181A) IRQ1_Status_27 2 DSP3_START1_EINT1 0 DSP3 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_START1_EINT1 0 DSP2 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_START1_EINT1 0 DSP1 Start 1 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6171 (0x181B) IRQ1_Status_28 2 DSP3_START2_EINT1 0 DSP3 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_START2_EINT1 0 DSP2 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_START2_EINT1 0 DSP1 Start 2 Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6173 (0x181D) IRQ1_Status_30 2 DSP3_BUSY_EINT1 0 DSP3 Busy Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 1 DSP2_BUSY_EINT1 0 DSP2 Busy Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. 0 DSP1_BUSY_EINT1 0 DSP1 Busy Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6174 (0x181E) IRQ1_Status_31 0 MIF1_DONE_EINT1 0 MIF1 Done Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6175 (0x181F) IRQ1_Status_32 0 MIF1_BLOCK_EINT1 0 MIF1 Block Interrupt (Rising edge triggered) Note: Cleared when a 1 is written. R6208 (0x1840) to R6239 (0x185F) IM_* See Footnote 1 For each x_EINT1 interrupt bit in R6144 to R6175, a corresponding mask bit (IM_*) is provided in R6208 to R6239. The mask bits are coded as follows: 0 = Do not mask interrupt 1 = Mask interrupt R6272 (0x1880) IRQ1_Raw_ Status_1 12 CTRLIF_ERR_STS1 0 Control Interface Error Status 0 = Normal 1 = Control Interface Error 7 BOOT_DONE_STS1 0 Boot Status 0 = Busy (boot sequence in progress) 1 = Idle (boot sequence completed) Control register writes should not be attempted until Boot Sequence has completed. Table 4-89. Interrupt 1 Control Registers (Cont.) Register Address Bit Label Default Description |