Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9966 Fiches technique(PDF) 121 Page - STMicroelectronics

No de pièce L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Fiches technique(HTML) 121 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 114Page - STMicroelectronics L9966 Datasheet HTML 115Page - STMicroelectronics L9966 Datasheet HTML 116Page - STMicroelectronics L9966 Datasheet HTML 117Page - STMicroelectronics L9966 Datasheet HTML 118Page - STMicroelectronics L9966 Datasheet HTML 119Page - STMicroelectronics L9966 Datasheet HTML 120Page - STMicroelectronics L9966 Datasheet HTML 121Page - STMicroelectronics L9966 Datasheet HTML 122Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 122 page
background image
List of figures
Figure 1.
Block diagram .................................................................... 2
Figure 2.
Pin connection diagram .............................................................. 3
Figure 3.
Application circuit .................................................................. 6
Figure 4.
2s2p PCB with thermal vias .......................................................... 11
Figure 5.
Operating mode state diagram ........................................................ 12
Figure 6.
Example of power up sequence ....................................................... 14
Figure 7.
Example of power down sequence ..................................................... 15
Figure 8.
WAKE SOURCE returns at its PRE_SLEEP value........................................... 18
Figure 9.
WAKE SOURCE determines a WAKE EVENT ............................................. 18
Figure 10.
Combination of two consecutive WAKE SOURCES determines a WAKE EVENT ..................... 19
Figure 11.
SLEEP-POLLING operation example ................................................... 19
Figure 12.
Dewetting activation ............................................................... 21
Figure 13.
IOx configuration diagram ........................................................... 26
Figure 14.
IOx configuration: IO1 driven through IO3 (stuck @ GND), Pull Up to VPRE, 5 mA, MODE=1............. 28
Figure 15.
Lambda IO stage configuration in LSF mode .............................................. 29
Figure 16.
Active discharge function ............................................................ 30
Figure 17.
Simplified circuit for resistance measurement .............................................. 36
Figure 18.
ADC conversion chain .............................................................. 39
Figure 19.
SEQUENCER flow example .......................................................... 41
Figure 20.
SYNC controlled sequencer example ................................................... 43
Figure 21.
Example of sequencer priority case ..................................................... 44
Figure 22.
Example of sequencer priority case ..................................................... 44
Figure 23.
Example of sequencer priority case ..................................................... 45
Figure 24.
Interrupt condition open/closed loop INT generation ......................................... 45
Figure 25.
SENT input structure ............................................................... 47
Figure 26.
Write access (32 bits frame) .......................................................... 52
Figure 27.
Read access (32 bits frame).......................................................... 52
Figure 28.
Write burst mode frames ............................................................ 55
Figure 29.
Read burst mode frames ............................................................ 55
Figure 30.
Burst mode error handling ........................................................... 56
Figure 31.
SPI timing ...................................................................... 57
Figure 32.
VRS interface block diagram ......................................................... 62
Figure 33.
VRS block diagram - Normal operating mode .............................................. 64
Figure 34.
Hysteresis application .............................................................. 64
Figure 35.
VRS_A fully adaptive hysteresis ....................................................... 67
Figure 36.
VRS_FE_FILT_EN = 1.............................................................. 68
Figure 37.
VRS_FE_FILT_EN = 0.............................................................. 68
Figure 38.
VRS block diagram - Diagnostic operating mode - Current path ................................. 70
Figure 39.
Sensor sketch ................................................................... 70
Figure 40.
Variable reluctance sensor (VRS) ...................................................... 71
Figure 41.
Hall effect sensor configuration 1 ...................................................... 72
Figure 42.
Hall effect sensor configuration 2 ...................................................... 72
Figure 43.
TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package outline ...................................111
L9966
List of figures
DS12459 - Rev 10
page 121/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More